Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7039-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7039-Q1
Description  Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7039-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7039-Q1 Datasheet HTML 6Page - Texas Instruments ADS7039-Q1 Datasheet HTML 7Page - Texas Instruments ADS7039-Q1 Datasheet HTML 8Page - Texas Instruments ADS7039-Q1 Datasheet HTML 9Page - Texas Instruments ADS7039-Q1 Datasheet HTML 10Page - Texas Instruments ADS7039-Q1 Datasheet HTML 11Page - Texas Instruments ADS7039-Q1 Datasheet HTML 12Page - Texas Instruments ADS7039-Q1 Datasheet HTML 13Page - Texas Instruments ADS7039-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Throughput (Ksps)
0
500
1000
1500
2000
0
0.1
0.2
0.3
0.4
D026
Supply Voltage (V)
2.35
2.6
2.85
3.1
3.35
3.6
0.25
0.3
0.35
0.4
0.45
0.5
D027
Reference Voltage (V)
2.35
2.6
2.85
3.1
3.35
3.6
-0.5
-0.3
-0.1
0.1
0.3
0.5
D024
Maximum
Minimum
Free-Air Temperature (qC)
-40
-7
26
59
92
125
0
0.25
0.5
0.75
1
D025
Reference Voltage (V)
2.35
2.6
2.85
3.1
3.35
3.6
-0.5
-0.3
-0.1
0.1
0.3
0.5
D022
Maximum
Minimum
Free-Air Temperature (qC)
-40
-7
26
59
92
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
D023
Maximum
Minimum
10
ADS7039-Q1
SBAS788 – JANUARY 2017
www.ti.com
Product Folder Links: ADS7039-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 2 MSPS (unless otherwise noted)
Figure 20. DNL vs Reference Voltage (AVDD)
AVDD = 3 V
Figure 21. INL vs Temperature
Figure 22. INL vs Reference Voltage (AVDD)
AVDD = 3 V
Figure 23. AVDD Supply Current vs Temperature
AVDD = 3 V
Figure 24. AVDD Supply Current vs Throughput
fSample = 2 MSPS
Figure 25. AVDD Supply Current vs Supply Voltage


Similar Part No. - ADS7039-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7038 TI1-ADS7038 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
984Kb / 76P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI-ADS7038 Datasheet
2Mb / 88P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results

Similar Description - ADS7039-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7029-Q1 TI1-ADS7029-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com