Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-7000 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-7000
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-7000 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-7000 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-7000 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-7000 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-7000 Datasheet HTML 4Page - Ironwood Electronics. SBT-BGA-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.8225±0.0250
2.2825±0.0250
17.4750
Socket Base Outline
19.7250
Backing Plate Oultine
7.4875±0.0350 (x8)
10.50
5.1250±0.0250*
5.2500±0.0250
1.70±0.10 (x4)
Non Plated Hole
0.85 (x2)
Non Plated Hole
0.50 Typ.
0.28
18.325 Bottom Guide
18.075
Bottom
Guide
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. G
DATE: 11/12/10
Material: Material <not specified>
Finish:
Weight: 13.02
SBT-BGA-7000 Drawing
SCALE: 5:1
SHEET: 2 OF 5
ENG: V. Panavala
FILE: SBT-BGA-7000
DRAWN BY: V. Panavala


Similar Part No. - SBT-BGA-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7003 IRONWOOD-SBT-BGA-7003 Datasheet
313Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-BGA-7004 IRONWOOD-SBT-BGA-7004 Datasheet
419Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-7005 IRONWOOD-SBT-BGA-7005 Datasheet
320Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-7006 IRONWOOD-SBT-BGA-7006 Datasheet
124Kb / 4P
   Low and stable contact resistance for reliable production yield
SBT-BGA-7007 IRONWOOD-SBT-BGA-7007 Datasheet
413Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SBT-BGA-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com