Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP130N491B Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP130N491B
Description  Supply Current Typ. 38uA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130N491B Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP130N491B Datasheet HTML 4Page - RICOH electronics devices division RP130N491B Datasheet HTML 5Page - RICOH electronics devices division RP130N491B Datasheet HTML 6Page - RICOH electronics devices division RP130N491B Datasheet HTML 7Page - RICOH electronics devices division RP130N491B Datasheet HTML 8Page - RICOH electronics devices division RP130N491B Datasheet HTML 9Page - RICOH electronics devices division RP130N491B Datasheet HTML 10Page - RICOH electronics devices division RP130N491B Datasheet HTML 11Page - RICOH electronics devices division RP130N491B Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
RP130x
NO.EA-173-131031
8
The specifications surrounded by
are guaranteed by Design Engineering at - 40ºC ≤ Ta ≤ 85ºC.
Dropout Voltage
(Ta=25
°C)
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within
the recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they
continue to operate over the recommended operating conditions.
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
TYP.
MAX.
1.2V ≤ V
SET
< 1.5V
0.67
1.00
1.5V ≤ V
SET
< 1.7V
0.54
0.81
1.7V ≤ V
SET
< 2.0V
0.46
0.68
2.0V ≤ V
SET
< 2.5V
0.41
0.60
2.5V ≤ V
SET
< 4.0V
0.32
0.51
4.0V ≤ V
SET
I
OUT
= 150mA
0.24
0.37


Similar Part No. - RP130N491B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130N491B RICOH-RP130N491B Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - RP130N491B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com