Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT8687R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IT8687R
Description  Preliminary Specification V0.6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IT8687R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IT8687R Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 10Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 11Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
13.
14.
IT8687R
5
6. DC Electrical Characteristics
Absolute Maximum Ratings
Ambient Operating Temperature………..…..0°C to +70°C
Storage Temperature….…….……………-55°C to +150°C
Supply Voltage to Ground Potential ….-0.5V to VCC+0.3V
Supply Hi-Voltage to Ground Potential ……±0.5V to ±12V
Applied Normal Output Voltage ………0.5V to VCC+0.3V
Applied Normal Input Voltage .…………………-0.5V to 7V
Applied I/O High Voltage …………………….-0.5V to +15V
Power Dissipation ……….…………………………..300mW
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
Table 6-1. DC Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
IS Type Buffer (VCC=5V)
IIL
Input Low Leakage
10
µA
VIN = 0
IIH
Input High Leakage
-10
µA
VIN = VCC
VIL
Input Low Voltage
0.7
V
VIH
Input High Voltage
3.0
V
I Type Buffer (VCC=5V)
IIL
Input Low Leakage
10
µA
VIN = 0
IIH
Input High Leakage
-10
µA
VIN = VCC
O8 Type Buffer (VCC=5V)
VOL
Output Low Voltage
0.4
V
IOL = 8mA
VOH
Output High Voltage
2.4
V
IOH = -4mA
O12 Type Buffer (VCC=5V)
VOL
Output Low Voltage
0.4
V
IOL = 12 mA
VOH
Output High Voltage
2.4
V
IOH = -4 mA
ISH Type Buffer (VDD=+12V, VSS=-12V)
IIL
Input Low Leakage
10
µA
VIN = -12 V
IIH
Input High Leakage
-10
µA
VIN = +12 V
VIL
Input Low Voltage
0.9
V
VIH
Input High Voltage
3.0
V
O16H Type Buffer (VDD=+12V, VSS=-12V)
VOL
Output Low Voltage
-8
V
IOL = 8 mA
VOH
Output High Voltage
8
V
IOH = -4 mA


Similar Part No. - IT8687R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8673F ETC-IT8673F Datasheet
780Kb / 128P
   Advanced Input / Output (Advanced I/O) Preliminary Specification V0.5
More results

Similar Description - IT8687R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com