Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA1673U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA1673U
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1673U Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA1673U Datasheet HTML 1Page - NXP Semiconductors PCA1673U Datasheet HTML 2Page - NXP Semiconductors PCA1673U Datasheet HTML 3Page - NXP Semiconductors PCA1673U Datasheet HTML 4Page - NXP Semiconductors PCA1673U Datasheet HTML 5Page - NXP Semiconductors PCA1673U Datasheet HTML 6Page - NXP Semiconductors PCA1673U Datasheet HTML 7Page - NXP Semiconductors PCA1673U Datasheet HTML 8Page - NXP Semiconductors PCA1673U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1998 Apr 03
4
Philips Semiconductors
Product specification
32 kHz watch circuits using a silver-oxide
or a 3 V lithium battery
PCA167x series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows,
which will rapidly discharge the battery.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
advisable to take handling precautions appropriate to handling MOS devices. Advice can be found in
“Data Handbook IC16, General, Handling MOS Devices”.
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; crystal: RS =20kΩ; C1 = 2 to 3 fF; CL = 8 to 10 pF;
C0 = 1 to 3 pF; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
VSS = 0 V; note 1
−1.8
+6
V
VI
all input voltages
VSS
VDD
V
output short-circuit duration
indefinite
Tamb
operating ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
Tamb = −10 to +60 °C
1.2
1.5
3.5
V
∆V
DD
supply voltage variation
transient;
VDD = 1.2 to 3.5 V
−−
0.25
V
IDD1
supply current
between motor pulses
150
250
nA
IDD2
supply current
between motor pulses;
VDD = 3.5 V
200
350
nA
IDD3
supply current
stop mode; pin 8
connected to VDD
180
300
nA
IDD4
supply current
stop mode; pin 8
connected to VDD;
VDD = 3.5 V
300
480
nA


Similar Part No. - PCA1673U

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PCA16 LUMINIS-PCA16 Datasheet
102Kb / 2P
   4?쒭ia. aluminum poles
logo
NXP Semiconductors
PCA1601U/10 PHILIPS-PCA1601U/10 Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1601U/10 NXP-PCA1601U/10 Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
PCA1602T PHILIPS-PCA1602T Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1602T NXP-PCA1602T Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
More results

Similar Description - PCA1673U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA148X PHILIPS-PCA148X Datasheet
121Kb / 20P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
PCA146X PHILIPS-PCA146X Datasheet
135Kb / 24P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
logo
TEMEX
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Integrated Circuit Syst...
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
   32 KhZ Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com