Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA148X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA148X Datasheet HTML 4Page - NXP Semiconductors PCA148X Datasheet HTML 5Page - NXP Semiconductors PCA148X Datasheet HTML 6Page - NXP Semiconductors PCA148X Datasheet HTML 7Page - NXP Semiconductors PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors PCA148X Datasheet HTML 10Page - NXP Semiconductors PCA148X Datasheet HTML 11Page - NXP Semiconductors PCA148X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Apr 21
8
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
Correction sequence (see Fig.7)
If a missing step is detected, a correction sequence is produced. This consists of a small pulse (tC1) which gives the motor
a defined position and after 29.30 ms a pulse of stage 6 (tC2) to turn the motor.
Fig.7 Correction sequence after a missing motor step with motor connected.
MSA943
MOTOR
PULSE
DETECTION
CORRECTION SEQUENCE
t P
t C1
t D
M1 - M2
V
= 977
µs
t C = 30.27 ms t P
t C2 =t P


Similar Part No. - PCA148X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
More results

Similar Description - PCA148X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA167X PHILIPS-PCA167X Datasheet
73Kb / 12P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 03
PCA16XX PHILIPS-PCA16XX Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA146X PHILIPS-PCA146X Datasheet
135Kb / 24P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1998 Apr 21
logo
TEMEX
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Integrated Circuit Syst...
ICS9131 ICST-ICS9131 Datasheet
295Kb / 8P
   32 KhZ Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com