Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE564 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE564
Description  Operation with single 5V supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 Datasheet(HTML) 8 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1994 Aug 31
8
6. If pulsed burst or ramp frequency is used for input signal, special
loop filter design may be required in place of simple single
capacitor filter on Pins 4 and 5. (See PLL application section)
7. The input signal to Pin 6 and the VCO feedback signal to Pin 3
must have a duty cycle of 50% for proper operation of the phase
detector. Due to the nature of a balanced mixer if signals are not
50% in duty cycle, DC offsets will occur in the loop which tend to
create an artificial or biased VCO.
8. For multiplier circuits where phase jitter is a problem, loop filter
capacitors may be increased to a value of 10 - 50
µF on Pins 4,
5. Also, careful supply decoupling may be necessary. This
includes the counter chain VCC lines.
1
2
6
7
3
9
11
4
5
10
15
16
14
12
13
8
+5V
BIAS
ADJ
2k
FSK
INPUT
1k
1k
+5V
300pF
300pF
HYSTERESIS
ADJUST
10k
2k
1.2k
FSK
OUTPUT
0–20pF
33pF
NE564
510
0.1
µF
10k
0.1
µF
0.22
µF 0.22µF
10
µF/8V
*510
*NOTE:
Use R9-11 only if rise time is critical.
SR01034
Figure 10. 10.8MHz FSK Decoder Using the 564


Similar Part No. - NE564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE564 ETC2-NE564 Datasheet
5Mb / 16P
   LINEAR INTEGRATED CIRCUITS
NE564F ETC2-NE564F Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
NE564N ETC2-NE564N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE564

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
   Operation with single 5V supply
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
   Single 5V DC Power-Supply Operation
Rev 0; 2/08
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
   5V Single Supply
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
   Single supply with operation down to 1.8v
logo
Microchip Technology
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
   Single Supply with Operation Down to 1.8V
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com