Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5726-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5726-EVALZ
Description  Point to point microwave radios
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5726-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5726-EVALZ Datasheet HTML 4Page - Analog Devices ADL5726-EVALZ Datasheet HTML 5Page - Analog Devices ADL5726-EVALZ Datasheet HTML 6Page - Analog Devices ADL5726-EVALZ Datasheet HTML 7Page - Analog Devices ADL5726-EVALZ Datasheet HTML 8Page - Analog Devices ADL5726-EVALZ Datasheet HTML 9Page - Analog Devices ADL5726-EVALZ Datasheet HTML 10Page - Analog Devices ADL5726-EVALZ Datasheet HTML 11Page - Analog Devices ADL5726-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADL5726
Data Sheet
Rev. A | Page 8 of 13
THEORY OF OPERATION
The ADL5726 is a narrow-band, high performance, low noise
amplifier targeting microwave radio link receiver designs. The
monolithic SiGe design is optimized for microwave radio link
bands rangingfrom21.2 GHz to 23.6 GHz.
The unique design of the ADL5726 offers a single-ended 50 Ω
input impedance via the INPT pin, and provides a 100 Ω
balanced differential output via the OUTP and OUTN pins.
This LNA is ideal for driving Analog Devices differential
downconverters and RF sampling ADCs.
The ADL5726 provides cost-effective noise figure performance
without requiring more expensive III-V compounds process
technology.
The ADL5726 is available in a 2.00 mm × 2.00mm LFCSP package,
and operates over the temperature range of −40°C to +85°C.


Similar Part No. - ADL5726-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721-EVALZ AD-ADL5721-EVALZ Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721ACPZN AD-ADL5721ACPZN Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721ACPZN-R7 AD-ADL5721ACPZN-R7 Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
More results

Similar Description - ADL5726-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
   Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
   Point to point microwave radios
HMC342 AD-HMC342 Datasheet
308Kb / 6P
   Microwave Point-to-Point Radios
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com