Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5725 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5725
Description  Point to point microwave radios
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5725 Datasheet(HTML) 5 Page - Analog Devices

  ADL5725 Datasheet HTML 1Page - Analog Devices ADL5725 Datasheet HTML 2Page - Analog Devices ADL5725 Datasheet HTML 3Page - Analog Devices ADL5725 Datasheet HTML 4Page - Analog Devices ADL5725 Datasheet HTML 5Page - Analog Devices ADL5725 Datasheet HTML 6Page - Analog Devices ADL5725 Datasheet HTML 7Page - Analog Devices ADL5725 Datasheet HTML 8Page - Analog Devices ADL5725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADL5725
Data Sheet
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltages
VCC1
2.25 V
VCC2
4.1 V
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +125°C
Lead Temperature Range (Soldering, 60 sec)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is thermal resistance, junction to ambient (°C/W), θJB is
thermal resistance, junction to board (°C/W), and θJC is thermal
resistance, junction to case (°C/W).
Table 4. Thermal Resistance
Package Type
θJA1
θJB1
θJC1
Unit
8-Lead LFCSP
39.90
23.88
3.71
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance for a printed circuit board (PCB) with 3 × 4 vias.
ESD CAUTION


Similar Part No. - ADL5725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721-EVALZ AD-ADL5721-EVALZ Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721ACPZN AD-ADL5721ACPZN Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5721ACPZN-R7 AD-ADL5721ACPZN-R7 Datasheet
492Kb / 16P
   Point to point microwave radios
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
More results

Similar Description - ADL5725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
   Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC342 AD-HMC342 Datasheet
308Kb / 6P
   Microwave Point-to-Point Radios
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com