Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4961 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4961
Description  Digitally adjustable gain
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4961 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4961 Datasheet HTML 6Page - Analog Devices ADA4961 Datasheet HTML 7Page - Analog Devices ADA4961 Datasheet HTML 8Page - Analog Devices ADA4961 Datasheet HTML 9Page - Analog Devices ADA4961 Datasheet HTML 10Page - Analog Devices ADA4961 Datasheet HTML 11Page - Analog Devices ADA4961 Datasheet HTML 12Page - Analog Devices ADA4961 Datasheet HTML 13Page - Analog Devices ADA4961 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADA4961
Rev. A | Page 9 of 24
0
500
1000
1500
2000
FREQUENCY (MHz)
0
5
10
15
20
25
GAIN = 15dB
GAIN = 8dB
GAIN = 0dB
Figure 10. Noise Figure vs. Frequency at 15 dB, 8 dB, and 0 dB Gain
Settings, 3.3 V, with Low-Pass Filter
0
500
1000
1500
2000
FREQUENCY (MHz)
–160
–155
–150
–140
–145
–135
–130
5V, GAIN = 15dB
5V, GAIN = 7dB
5V, GAIN = 0dB
3.3V, GAIN = 15dB
3.3V, GAIN = 7dB
3.3V, GAIN = 0dB
Figure 11. Noise Spectral Density vs. Frequency at 15 dB, 7 dB, and 0 dB
Gain Settings, 5.0 V, 3.3 V, with Low-Pass Filter
0
400
1000
1400 1600 1800
200
600
800
1200
2000
0
10
20
30
40
50
60
70
FREQUENCY (MHz)
5V, HP, AV15, 25°C
3.3V, LP, AV15, 25°C
5V, HP, AV0, 25°C
3.3V, LP, AV0, 25°C
5V, LP, AV15, 25°C
5V, LP, AV0, 25°C
Figure 12. OIP3 vs. Frequency at 15 dB and 0 dB Gain Settings, 5.0 V, 3.3 V,
with Low-Pass Filter
0
400
1000
1400 1600 1800
200
600
800
1200
2000
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
5V, HP, AV15, –40°C
3.3V, LP, AV15,–40°C
5V, LP, AV15, –40°C
5V, HP, AV15, +25°C
3.3V, LP, AV15, +25°C
5V, LP, AV15, +25°C
5V, HP, AV15, +85°C
3.3V, LP, AV15, +85°C
5V, LP, AV15, +85°C
Figure 13. OIP3 vs. Frequency at Three Temperatures, Maximum Gain,
5.0 V, 3.3 V, with Low-Pass Filter
40
41
42
43
44
45
46
47
48
49
50
–2
–1
012
3456
TOTAL POWER (dBm)
500MHz
1000MHz
1500MHz
Figure 14. OIP3 vs. Total Power at Three Frequencies
FREQUENCY (MHz)
0
400
1000
1400 1600 1800
200
600
800
1200
2000
–160
–140
–120
–100
–80
–60
–40
–120
–100
–80
–60
–40
–20
0
5V, GAIN = 15dB
3.3V, GAIN = 15dB
5V, GAIN = 7dB
3.3V, GAIN = 7dB
5V, GAIN = 0dB
3.3V, GAIN = 0dB
5V
3.3V
Figure 15. IMD3 vs. Frequency at 15 dB, 7 dB, and 0 dB Gain Settings, 5.0 V,
3.3 V, with Low-Pass Filter,


Similar Part No. - ADA4961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
ADA4960-1 AD-ADA4960-1 Datasheet
481Kb / 19P
   5 GHz, Low Distortion lADC Driver/Line Driver
ADA4960-1ACP-EBZ AD-ADA4960-1ACP-EBZ Datasheet
481Kb / 19P
   5 GHz, Low Distortion lADC Driver/Line Driver
ADA4960-1ACPZ-R2 AD-ADA4960-1ACPZ-R2 Datasheet
420Kb / 21P
   5 GHz, Low Distortion ADC Driver/Line Driver
ADA4960-1ACPZ-R2 AD-ADA4960-1ACPZ-R2 Datasheet
481Kb / 19P
   5 GHz, Low Distortion lADC Driver/Line Driver
More results

Similar Description - ADA4961

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
National Semiconductor ...
LH0084 NSC-LH0084 Datasheet
420Kb / 12P
   Digitally-Programmable-Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Maxim Integrated Produc...
MAX4223EVKIT MAXIM-MAX4223EVKIT Datasheet
55Kb / 4P
   Optional Adjustable Gain
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com