Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLUS405-37 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLUS405-37
Description  Programmable logic sequencers (16 횞 64 횞 8)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS405-37 Datasheet(HTML) 2 Page - NXP Semiconductors

  PLUS405-37 Datasheet HTML 1Page - NXP Semiconductors PLUS405-37 Datasheet HTML 2Page - NXP Semiconductors PLUS405-37 Datasheet HTML 3Page - NXP Semiconductors PLUS405-37 Datasheet HTML 4Page - NXP Semiconductors PLUS405-37 Datasheet HTML 5Page - NXP Semiconductors PLUS405-37 Datasheet HTML 6Page - NXP Semiconductors PLUS405-37 Datasheet HTML 7Page - NXP Semiconductors PLUS405-37 Datasheet HTML 8Page - NXP Semiconductors PLUS405-37 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Product specification
PLUS405-37/-45
Programmable logic sequencers
(16
× 64 × 8)
2
1996 Nov 12
853–1280 17500
DESCRIPTION
The PLUS405 devices are bipolar, programmable state machines of
the Mealy type. Both the AND and the OR array are
user-programmable. All 64 AND gates are connected to the 16
external dedicated inputs (I0 - I15) and to the feedback paths of the
8 on-chip State Registers (QP0 - QP7). Two complement arrays
support complex IF-THEN-ELSE state transitions with a single
product term (input variables C0, C1).
All state transition terms can include True, False and Don’t Care
states of the controlling state variables. All AND gates are merged
into the programmable OR array to issue the next-state and
next-output commands to their respective registers. Because the
OR array is programmable, any one or all of the 64 transition terms
can be connected to any or all of the State and Output Registers.
All state (QP0 - QP7) and output (QF0 - QF7) registers are
edge-triggered, clocked J-K flip-flops, with Asynchronous Preset and
Reset options. The PLUS405 architecture provides the added
flexibility of the J-K toggle function which is indeterminate on S-R
flip-flops. Each register may be individually programmed such that a
specific Preset-Reset pattern is initialized when the initialization pin
is raised to a logic level “1”. This feature allows the state machine to
be asynchronously initialized to known internal state and output
conditions, prior to proceeding through a sequence of state
transitions. Upon power-up, all registers are unconditionally preset
to “1”. If desired, the initialization input pin (INIT) can be converted to
an Output Enable (OE) function as an additional user-programmable
feature.
Availability of two user-programmable clocks allows the user to
design two independently clocked state machine functions
consisting of four state and four output bits each.
Order codes are listed in the Ordering Information Table.
FEATURES
PLUS405-37
– fMAX = 37MHz
– 50MHz clock rate
PLUS405-45
– fMAX = 45MHz
– 58.8MHz clock rate
Functional superset of PLS105/105A
Field-programmable (Ti-W fusible link)
16 input variables
8 output functions
64 transition terms
8-bit State Register
8-bit Output Register
2 transition Complement Arrays
Multiple clocks*
Programmable Asynchronous Initialization or Output Enable
Power-on preset of all registers to “1”
“On-chip” diagnostic test mode features for access to state and
output registers
950mW power dissipation (typ.)
TTL compatible
J-K or S-R flip-flop functions
Automatic “Hold” states
3-State outputs
APPLICATIONS
Interface protocols
Sequence detectors
Peripheral controllers
Timing generators
Sequential circuits
Elevator contollers
Security locking systems
Counters
Shift registers
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
N Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CLK
I7
I6
I5/CLK
I4
I3
I2
I1
I0
F7
F6
F5
F4
GND
F3
F2
F1
F0
INIT/OE
I15
I14
I13
I12
I11
I10
I9
I8
VCC
CLK
I6
I7
VCC
I5/CLK
I8
I9
I4
I3
I2
I1
I0
F7
F6
F5
F4 GND F3
F2
F1 F0
INIT/OE
I15
I14
I13
I12
I11
I10
N = Plastic DIP (600mil-wide)
A = Plastic Leaded Chip Carrier
A Package
SP00251


Similar Part No. - PLUS405-37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS405-55A PHILIPS-PLUS405-55A Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS405-55N PHILIPS-PLUS405-55N Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
More results

Similar Description - PLUS405-37

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
NXP Semiconductors
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com