Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6151 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6151
Description  15 TFT XGA LED backlight LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6151 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6151 Datasheet HTML 1Page - Axiomtek Co., Ltd. P6151 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
620
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
4
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Specifications
Input Signal
DVI-D
VGA
HDMI
Touchscreen: Serial RS-232 or USB interface
I/O Connectors
1 x RS-232 or USB for touchscreen version
1 x DVI-D
1 x DisplayPort
1 x HDMI
1 x Screw-type DC power input
Power Adapter
Screw-type external AC / DC power adapter
Touchscreen
Thickness
Resistive: 3.2 mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface: RS-232 D-type
9pin male connector or USB
Dimensions
TBD
Packing Dimensions
TBD
Weight (net/gross)
TBD
Environment
Operating temperature: 0° ~ +50°C (+32°F ~ +122°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20%~90%@40°C, non-condensing
Certificate
CE
Ordering Information
AC Power
Resistive (RS-232)
P6151PR-AC-RS-US-EU
Resistive (USB)
P6151PR-AC-U-US-EU
Glass
P6151PG-AC-US-EU
12V/24VDC Power
Resistive (RS-232)
P6151PR-DC-RS
Resistive (USB)
P6151PR-DC-U
Glass
P6151PG-DC


Similar Part No. - P6151

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6151O AXIOMTEK-P6151O Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
P6151ON-AC-US-EU AXIOMTEK-P6151ON-AC-US-EU Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
P6151ON-DC AXIOMTEK-P6151ON-DC Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
P6151OR-AC-RS-US-EU AXIOMTEK-P6151OR-AC-RS-US-EU Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
P6151OR-AC-U-US-EU AXIOMTEK-P6151OR-AC-U-US-EU Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
More results

Similar Description - P6151

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6151O AXIOMTEK-P6151O Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
GOT5152T-832 AXIOMTEK-GOT5152T-832_17 Datasheet
693Kb / 2P
   15 XGA TFT LCD display with LED backlight
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
Axiomtek Co., Ltd.
GOT5120T-845 AXIOMTEK-GOT5120T-845 Datasheet
449Kb / 2P
   12.1" XGA/SVGA TFT LCD display with LED backlight
GOT5100T-845 AXIOMTEK-GOT5100T-845 Datasheet
486Kb / 2P
   10.4" XGA/SVGA TFT LCD display with LED backlight
GOT5120T-832 AXIOMTEK-GOT5120T-832_17 Datasheet
515Kb / 2P
   12.1 XGA/SVGA TFT LCD display with LED backlight
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com