Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1180N251C-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP1180N251C-TR-FE
Description  Supply Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP1180N251C-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP1180N251C-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP1180N251C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
R1180x
6
TYPICAL APPLICATION
C1
C2
OUT
IN
R1180x
Series
VDD
VOUT
CE/NC GND
(External Components)
Output Capacitor
Ceramic Capacitor
0.1
μF
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 0.1
μF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP1180N251C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP1180N251C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
   Ultra Supply Current
logo
Seiko Instruments Inc
SRM20100LC SII-SRM20100LC Datasheet
661Kb / 7P
   Low Supply Current
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
RICOH electronics devic...
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com