Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB11 Datasheet(PDF) 3 Page - Rohm

Part # EMB11
Description  General purpose Dual digital transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB11 Datasheet(HTML) 3 Page - Rohm

  EMB11 Datasheet HTML 1Page - Rohm EMB11 Datasheet HTML 2Page - Rohm EMB11 Datasheet HTML 3Page - Rohm EMB11 Datasheet HTML 4Page - Rohm EMB11 Datasheet HTML 5Page - Rohm EMB11 Datasheet HTML 6Page - Rohm EMB11 Datasheet HTML 7Page - Rohm EMB11 Datasheet HTML 8Page - Rohm EMB11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EMB11 / UMB11N / IMB11A
     
Datasheet
l
lElectrical characteristic curves (Ta = 25°C)
<For DTr1 and DTr2 in common>
Fig.1 Input Voltage vs. Output Current
    (ON Characteristics)
Fig.2 Output Current vs. Input Voltage
    (OFF Characteristics)
Fig.3 Output Current vs. Output Voltage
Fig.4 DC Current Gain vs. Output Current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
3/7
20150925 - Rev.002


Similar Part No. - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
74Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
   dual digital transistors (PNP PNP)
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
logo
Jiangsu Changjiang Elec...
EMB11 JIANGSU-EMB11 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNP P NP)
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
   Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB11

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com