Electronic Components Datasheet Search |
|
EMB51 Datasheet(PDF) 2 Page - Rohm |
|
EMB51 Datasheet(HTML) 2 Page - Rohm |
2 / 8 page EMB51 Datasheet l lAbsolute maximum ratings (Ta = 25°C) <For DTr1 and DTr2 in common> Parameter Symbol Values Unit Supply voltage VCC -50 V Input voltage VIN -40 to 10 V Output current IO -30 mA Collector current IC(MAX)*1 -100 mA Power dissipation PD*2*3 150 mW Junction temperature Tj 150 ℃ Range of storage temperature Tstg -55 to +150 ℃ l lElectrical characteristics (Ta = 25°C) <For DTr1 and DTr2 in common> Parameter Symbol Conditions Values Unit Min. Typ. Max. Input voltage VI(off) VCC = -5V, IO = -100μA - - -0.5 V VI(on) VO = -0.3V, IO = -5mA -3.0 - - Output voltage VO(on) IO = -5mA, II = -0.5mA - -70 -150 mV Input current II VI = -5V - - -360 μA Output current IO(off) VCC = -50V, VI = 0V - - -500 nA DC current gain GI VO = -10V, IO = -5mA 60 - - - Input resistance R1 - 15.4 22 28.6 kΩ Resistance ratio R2/R1 - 0.8 1.0 1.2 - Transition frequency fT*1 VCE = -10V, IE = 5mA, f = 100MHz - 250 - MHz *1 Characteristics of built-in transistor. *2 Each terminal mounted on a reference land. *3 120mW per element must not be exceeded. www.rohm.com © 2016 ROHM Co., Ltd. All rights reserved. 2/5 20160119 - Rev.004 |
Similar Part No. - EMB51 |
|
Similar Description - EMB51 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |