Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1180Q121C-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP1180Q121C-TR-FE
Description  Supply Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP1180Q121C-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP1180Q121C-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP1180Q121C-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
R1180x
10
4) Output Voltage vs. Temperature (IOUT
=30mA)
R1180x121x (VIN
=2.2V)
R1180x281x (VIN
=3.8V)
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
−40
−15
10
35
60
85
Temperature Topt[
]
2.74
2.76
2.78
2.80
2.82
2.84
2.86
−40
−15
10
35
60
85
Temperature Topt[
]
R1180x361x (VIN
=4.6V)
3.52
3.54
3.56
3.58
3.60
3.62
3.64
3.66
3.68
−40
−15
10
35
60
85
Temperature Topt[
]
5) Supply Current vs. Input Voltage (Topt
=25°C)
R1180x121x
R1180x281x
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
234
56
Input Voltage VIN[V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
23
45
6
Input Voltage VIN[V]


Similar Part No. - RP1180Q121C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP1180Q121C-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
   Ultra Supply Current
logo
Seiko Instruments Inc
SRM20100LC SII-SRM20100LC Datasheet
661Kb / 7P
   Low Supply Current
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
RICOH electronics devic...
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com