Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP202Q082D-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP202Q082D-TR-FE
Description  Input Voltage Range 1.4V to 5.25V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP202Q082D-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP202Q082D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RP202x
11
4)Supply Current vs. Output Current(C1
0.47µF, C20.47µF, Ta25℃)
RP202x08xx
RP202x18xx
VIN=1.8V
VIN=2.8V
RP202x28xx
RP202x40xx
VIN=3.8V
VIN=5.0V
5)Output Voltage vs. Temperature(C1
0.47µF, C20.47µF, IOUT1mA)
RP202x08xx
RP202x18xx
VIN=1.8V
VIN=2.8V
0
50
100
150
200
0.1
1
10
100
1000
Output Current IOUT (mA)
0
50
100
150
200
0.1
1
10
100
1000
Output Current IOUT (mA)
0.1mA -> 150mA
Low Pow erMode to FastMode
150mA -> 0.1mA
FastMode to Low Pow ertMode
0.1mA -> 150mA
Low Pow erMode to FastMode
150mA -> 0.1mA
FastMode to Low Pow ertMode
0
50
100
150
200
0.1
1
10
100
1000
Output Current IOUT (mA)
0
50
100
150
200
0.1
1
10
100
1000
Output Current IOUT (mA)
0.1mA -> 150mA
Low Pow erMode to FastMode
150mA -> 0.1mA
FastMode to Low Pow ertMode
0.1mA -> 150mA
Low Pow erMode to FastMode
150mA -> 0.1mA
FastMode to Low Pow ertMode
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
-50
-25
0
25
50
75
100
Temperature (°C)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
-50
-25
0
25
50
75
100
Temperature (°C)


Similar Part No. - RP202Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP202QXX2_-TR-FE NISSHINBO-RP202QXX2_-TR-FE Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
More results

Similar Description - RP202Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
   2.8V to Vout Range Input Voltage
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com