Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP202Q082D-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP202Q082D-TR-FE
Description  Input Voltage Range 1.4V to 5.25V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP202Q082D-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP202Q082D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP202Q082D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
RP202x
NO.EA-279-160324
7
TYPICAL APPLICATION
C1
RP202x
Series
VDD
VOUT
CE
GND
C2
VOUT
VIN
(External Components)
C1, C2 : Ceramic Capacitor 0.47
F
MURATA: GRM155B31A474KE14
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this
purpose, use a capacitor C2 with 0.47
F or more and good ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
The impedances of VDD line and GND line has to be low as possible. The high impedances may result in the
unstable operation or a noise pickup. The output capacitor with 0.47µF or more should be placed between VDD and
GND. The line from VDD to the output capacitor, and the line from the output capacitor to GND must be wired as short
as possible.
The output capacitor is placed between VOUT and GND as phase compensation. The line from VOUT to the output
capacitor, and the line from the capacitor to GND must be wired as short as possible. Please refer to the “Basic Test
Circuit” below.


Similar Part No. - RP202Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP202QXX2_-TR-FE NISSHINBO-RP202QXX2_-TR-FE Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
More results

Similar Description - RP202Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
   2.8V to Vout Range Input Voltage
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com