Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP202K151B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP202K151B-TR-FE
Description  Input Voltage Range 1.4V to 5.25V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP202K151B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP202K151B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP202K151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
RP202x
NO.EA-279-160324
5
ELECTRICAL CHARACTERISTICS
VIN
Set VOUT1V, IOUT1mA, CINCOUT 0.47F, unless otherwise noted.
The specification in
is checked and guaranteed by design engineering at
40C≤Ta≤85C.
(Ta=25
C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
IOUT=5mA (Fast Mode)
Ta=25
C
VOUT > 2.0V
 0.99
1.01
V
VOUT ≤ 2.0V
-
20mV
20mV
IOUT=5mA (Fast Mode)
-40
C ≤ Ta ≤ 85C
VOUT > 2.0V
0.965
1.025
VOUT ≤ 2.0V
70mV
50mV
IOUT
Output Current
200
mA
∆VOUT
/∆IOUT
Load Regulation
1mA ≤ IOUT ≤ 10mA
VOUT > 2.0V
1.0
1.0
%
VOUT ≤ 2.0V
20
20
mV
10mA ≤ IOUT ≤ 200mA
20
10
30
mV
VDIF
Dropout Voltage
Refer to the "Dropout Voltage"
ISS1
Supply Current
(IOUT=0mA)*1
IOUT=0mA
2.5
5.0
A
ISS2
Supply Current
(IOUT=10mA)
IOUT=10mA
50
A
Istandby Standby Current
VCE=GND
0.1
1.0
A
IOUTH
Fast Mode
switch-over current
IOUT= Light load to Heavy load
8.0
mA
IOUTL
Low Power Mode
switch-over current
IOUT= Heavy load to Light load
1.0
2.0
mA
∆VOUT
/∆VIN
Line Regulation
VOUT+0.5V ≤ VIN ≤ 5V
1.4V ≤ VIN
IOUT=1mA
(Low Power Mode)
0.50
%/V
IOUT=10mA
(Fast Mode)
0.02
0.10
RR
Ripple Rejection
f=1kHz
Ripple 0.2Vp-p
VIN=VOUT+1.0V,
IOUT=30mA
VOUT ≤ 1.8V
75
dB
1.8< VOUT ≤2.8V
70
2.8< VOUT ≤3.3V
65
3.3 < VOUT
60
VIN
Input Voltage
1.4
5.25
V
∆VOUT
/∆Ta
Output Voltage
Temperature Coefficient
40C ≤ Ta ≤ 85C
100
ppm
/
C
ISC
Short Current Limit
VOUT=0V
60
mA
ICEPD
CE Pull-down
Constant Current
0.3
0.6
A
VCEH
CE Input Voltage “H”
1.0
V
VCEL
CE Input Voltage “L”
0.4
V
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN = 4.0V
VCE = 0V
60
All of units are tested and specified under load conditions such that Tj≈Ta
25C except for Ripple Rejection, Output
Voltage Temperature Coefficient.
1) The value of supply current is excluding the Pull-down constant current of CE Pin.


Similar Part No. - RP202K151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP202KXX1_-TR NISSHINBO-RP202KXX1_-TR Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
More results

Similar Description - RP202K151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
   2.8V to Vout Range Input Voltage
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com