Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP202K121B-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP202K121B-TR-FE
Description  Input Voltage Range 1.4V to 5.25V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP202K121B-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP202K121B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP202K121B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RP202x
NO.EA-279-160324
3
PIN CONFIGURATIONS
DFN(PLP)1010-4
SC-88A
SOT-23-5
Top View
2
1
3
4
Bottom View
1
2
4
3
5
4
1
3
2
(mark side)
1
2
3
4
5
(mark side)
PIN DESCRIPTIONS
DFN(PLP)1010-4
Pin No
Symbol
Pin Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
VDD
Input Pin
Tab is GND level. (They are connected to the reverse side of this IC.) The tab is better to be connected to the
GND, but leaving it open is also acceptable.
SC-88A
Pin No
Symbol
Pin Description
1
CE
Chip Enable Pin ("H" Active)
2
NC
No Connection
3
GND
Ground Pin
4
VOUT
Output Pin
5
VDD
Input Pin
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
NC
No Connection
5
VOUT
Output Pin


Similar Part No. - RP202K121B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP202KXX1_-TR NISSHINBO-RP202KXX1_-TR Datasheet
1Mb / 28P
   Low Power / Fast Mode Alternative 200mA LDO Regulator
More results

Similar Description - RP202K121B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
   Up to 488VAC input voltage range
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Lowpower Semiconductor ...
LP3210 POWER-LP3210 Datasheet
336Kb / 7P
   2.8V to Vout Range Input Voltage
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com