Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP132J50D-T1-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP132J50D-T1-FE
Description  Output Current Min. 1A
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP132J50D-T1-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP132J50D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP132J50D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
RP132x
NO.EA-265-160426
4
SELECTION GUIDE
The output voltage, the auto discharge function, and the package type for the ICs can be selected at the user’s
request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP132K001
∗-TR
DFN(PLP)1820-6
5,000 pcs
Yes
Yes
RP132Kxx1
∗-TR
RP132H001
#-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
RP132Hxx1
#-T1-FE
RP132S001
#-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
RP132Sxx1
∗-E2-FE
RP132J001
#-T1-FE
TO-252-5-P2
3,000 pcs
Yes
Yes
RP132Jxx1
#-T1-FE
RP132x001x is the adjustable output voltage type.
xx: The output voltage can be designated in the range from 0.8V(08) to 5.5V(55) in 0.1V step.
∗: The combination of the auto discharge function and delay pin (for setting inrush current limit time) are
as follows.
B: without auto discharge function
D: with auto discharge function
E: without auto discharge function, with delay pin (for setting inrush current limit time)
F: with auto discharge function and delay pin (for setting inrush current limit time)
#: The auto discharge function at off state are options as follows.
B: without auto discharge function at off state
D: with auto discharge function at off state
Auto-discharge function quickly lowers the output voltage to 0V, when the chip enable signal is switched from the active mode
to the standby mode, by releasing the electrical charge accumulated in the external capacitor.


Similar Part No. - RP132J50D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-112 HIROSE-RP13-PC-112 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-122 HIROSE-RP13-PC-122 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-212 HIROSE-RP13-PC-212 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-221 HIROSE-RP13-PC-221 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results

Similar Description - RP132J50D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com