Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8250 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8250
Description  MSD HVC Coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8250 Datasheet(HTML) 1 Page - Mallory performance club

  8250 Datasheet HTML 1Page - Mallory performance club 8250 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WARNING: Very high voltages are present at the coil when the engine is running. Never connect
any test equipment or touch the coil while the engine is running.
WARNING: Disconnect the battery during installation. When disconnecting the battery, always
remove the negative cable first and install it last.
MSD HVC Coil
PN 8250
The HVC Coil is designed to be used exclusively with the MSD 6HVC Series Ignition Controls.
This Coil is not recommended for use with any other MSD Ignition Control or similar
aftermarket ignition.
INSTALLATION
1. The Coil can be mounted in any position, but should be away from direct heat sources.
Use the Coil as a template and mark the location of the mounting holes. Use an 1/8” bit
to drill the holes.
2. Install the supplied vibration mounts to the coil and install the coil. Also install one end of
the 4” Black wire between a vibration mount and the bracket. Connect the other end to
ground.
Note: The supplied star washers must be used on both sides of the ground wire ring lug
terminal. This ensures proper grounding through the anodized brackets.
3. Install the supplied 2-pin harness and connect the Orange to coil positive(+) and Black
to Coil negative(-).
4. Connect the coil secondary wire to the coil and distributor cap.
Parts Included:
1 - Power-Core HVC Coil
2 - Rings Lug Terminals
4 - Vibration Mounts
2 - Nuts and Washers
1 - 2-Pin Weathertight Connector and Harness
2 - 45° Blade Terminals
1 - 2-Pin Weathertight Connector Assembly
2 - Spade Terminals
1 - 4" Black Wire
2- Star Washers
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8250

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8250 3M-8250 Datasheet
42Kb / 3P
   D Sub Plug Connector, 50 Position
logo
Bourns Electronic Solut...
8250-100K-RC BOURNS-8250-100K-RC Datasheet
262Kb / 2P
   Shielded RF Choke
8250-101K-RC BOURNS-8250-101K-RC Datasheet
262Kb / 2P
   Shielded RF Choke
8250-120K-RC BOURNS-8250-120K-RC Datasheet
262Kb / 2P
   Shielded RF Choke
8250-121K-RC BOURNS-8250-121K-RC Datasheet
262Kb / 2P
   Shielded RF Choke
More results

Similar Description - 8250

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8252 MALLORY-8252 Datasheet
128Kb / 2P
   MSD Blaster HVC Coil
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
8251 MALLORY-8251 Datasheet
199Kb / 2P
   MSD Pro-Power HVC Coil
8253 MALLORY-8253 Datasheet
210Kb / 4P
   MSD Blaster HVC-2 Coil
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
   MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
   MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN82023 MALLORY-PN82023 Datasheet
150Kb / 2P
   MSD Blaster Coil
8222 MALLORY-8222 Datasheet
150Kb / 2P
   MSD Blaster Coil
8200 MALLORY-8200 Datasheet
301Kb / 2P
   MSD Blaster Coil
8203 MALLORY-8203 Datasheet
301Kb / 2P
   MSD Blaster Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com