Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP200N401B-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP200N401B-TR-FE
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP200N401B-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP200N401B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP200N401B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RP200x
10
TEST CIRCUITS
RP200x
Series
VDD
CE
VOUT
GND
C2
AE
V
VOUT
C1
IOUT
Basic Test Circuit
ISS
A
RP200x
Series
VDD
CE
VOUT
GND
C2
AE
VOUT
C1
Test Circuit for Supply Current
Pulse
Generator
P.G.
RP200x
Series
VDD
CE
VOUT
GND
C2
AE
IOUT
Test Circuit for Ripple Rejection
RP200x
Series
VDD
CE
VOUT
GND
C2
AE
IOUT b
IOUT a
C1
VOUT
Test Circuit for Load Transient Response
*RP200Q (SC-88A) is the discontinued product. As of March in 2015.


Similar Part No. - RP200N401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20 RECOM-RP20 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP200N401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com