Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP132J50B-T1-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP132J50B-T1-FE
Description  Output Current Min. 1A
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP132J50B-T1-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP132J50B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 13Page - RICOH electronics devices division RP132J50B-T1-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
RP132x
NO.EA-265-160426
10
ELECTRICAL CHARACTERISTICS
VIN
=Set VOUT+1.0V, IOUT=1mA,CIN=2.2μF, COUT=2.2μF(VOUT ≤ 3.6V), 4.7μF(VOUT>3.6V).
The specification in
is checked and guaranteed by design engineering at −40
°C ≤Topt ≤ 85°C, unless
otherwise noted
.
RP132x001B/D(Adjustable Output Voltage Type)
RP132K001E/F(Adjustable Output Voltage Type with DELAY pin)
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VFB
Feedback Voltage
Topt=25
°C
VOUT
=VFB
0.785
0.800
0.815
V
−40°C ≤ Topt ≤ 85°C
0.771
0.829
VOUT
Output Voltage Adjusting
Range
0.8
5.5
V
ILIM
Output Current Limit
VOUT
=VFB
1
A
ΔVOUT/
ΔIOUT
Load Regulation
0.1mA ≤ IOUT ≤ 300mA
3
20
mV
0.1mA ≤ IOUT ≤ 1A
5
60
VDIF
Dropout Voltage
VOUT
=VFB
IOUT
=300mA
0.67
0.89
V
IOUT
=1A
1.20
1.54
ISS
Supply Current
VOUT
=VFB, IOUT=0mA (VIN=6.5V)
65
85
μA
Istandby
Standby Current
VCE
=0V, VIN=6.5V
0.15
0.60
μA
ΔVOUT/
ΔVIN
Line Regulation
VOUT
=VFB, 1.6V ≤ VIN ≤ 6.5V
0.05
0.10
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p,
IOUT
=100mA
VOUT
=VFB
70
dB
VIN
Input Voltage
1.4
6.5
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±60
ppm
/
°C
ISC
Short Current Limit
VOUT
=VFB=0V
250
mA
IPD
CE Pull-down Current
0.3
0.7
μA
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW
=10Hz to 100kHz
70
μVrms
TTSD
Thermal Shutdown
Temperature
Junction Temperature
165
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
95
°C
RLOW
Low Output Nch Tr. ON
Resistance (D/F version)
VIN
=4.0V, VCE=0V
50
Ω
IDELAY
DELAY pin Current
(DELAY pin version)
VIN
=4.0V
0.7
1.2
1.7
μA
All of unit are tested and specified under load conditions such that TjTopt
=25°C except for Output Noise, Ripple
Rejection, Output Voltage Temperature Coefficient, Dropout Voltage at 1A Output Current and Load Regulation
and Thermal Shutdown.


Similar Part No. - RP132J50B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-112 HIROSE-RP13-PC-112 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-122 HIROSE-RP13-PC-122 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-212 HIROSE-RP13-PC-212 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-221 HIROSE-RP13-PC-221 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results

Similar Description - RP132J50B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com