Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP173Q252D-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP173Q252D-TR-FE
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q252D-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP173Q252D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q252D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RP173x
9
REVERSE CURRENT PROTECTION CIRCUIT
The RP173 Series include a Reverse Current Protection Circuit, which stops the reverse current from VOUT pin
to VDD pin or to GND pin when VOUT becomes higher than VIN.
Usually, the LDO using Pch output transistor contains a parasitic diode between VDD pin and VOUT pin.
Therefore, if VOUT is higher than VIN, the parasitic diode becomes forward direction. As a result, the current flows
from VOUT pin to VDD pin.
The ICs of this series switches the mode to the reverse current protection mode before VIN becomes lower
than VOUT by connecting the parasitic diode of Pch output transistor to the backward direction, and connecting
the gate to VOUT pin. As a result, the Pch output transistor is turned off and the all the current pathways from VOUT
pin to GND pin are shut down to maintain the reverse current lower than [IREV] of the Electrical Characteristics.
Switching to either the normal mode or to the reverse current protection mode is determined by the magnitude
of VIN voltage and VOUT voltage. For the stable operation, offset and hysteresis are set as the threshold. The
detection/ release thresholds of both normal and reverse current protection modes are specified by [VREV_DET]
and [VREV_REL] of the Electrical Characteristics. Therefore, the minimum dropout voltage under the small load
current condition is restricted by the value of [VREV_REL].
Fig.1 and Fig.2 show the diagrams of each mode, and Fig.3 shows the load characteristics of each mode.
When giving the VOUT pin a constant-voltage and decreasing the VIN voltage, the dropout voltage will become
lower than the [VREV_DET]. As a result, the reverse current protection starts to function to stop the load current. By
increasing the dropout voltage higher than the [VREV_REL], the protection mode will be released to let the load
current to flow. If the dropout voltage to be used is lower than [VREV_REL], the detection and the release may be
repeated.
The operation coverage of the Reverse Current Protection Circuit is VOUT
≥ 1.5V. However, under the condition
of VIN=0V, always the reverse current protection mode is operating.
Fig. 1 Normal Mode
Fig. 2 Reverse Current Protection Mode
Fig. 3
Reverse Current Protection Mode Detection/ Release &
VREV_DET
VREV_REL
VOUT
VIN
0
Reverse Current Protection Mode
Normal Mode
Normal Mode
IOUT
IREV
Reverse Current/ Output Current Characteristics


Similar Part No. - RP173Q252D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173Q252D-TR-FE

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com