Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP170H201B-T1-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP170H201B-T1-FE
Description  Supply Current Typ. 23uA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP170H201B-T1-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP170H201B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RP170x
NO.EA-205-160425
5
RP170Q (SC-88A) is the discontinued product as of April, 2016.
ELECTRICAL CHARACTERISTICS
RP170xxxxB/D
VIN
=Set VOUT+1V, IOUT=1mA, unless otherwise noted.
values indicate
−40°C ≤ Topt ≤ 85°C, unless otherwise noted.
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Topt
=25°C
VOUT > 1.5V
×0.99
×1.01
V
VOUT ≤ 1.5V
−15
+15
mV
−40°C ≤ Topt ≤ 85°C
VOUT > 1.5V
×0.974
×1.023
V
VOUT ≤ 1.5V
−40
+35
mV
IOUT
Output Current
300
mA
ΔVOUT/ΔIOUT Load Regulation
0.1mA ≤ IOUT ≤ 300mA
10
70
mV
VDIF
Dropout Voltage
IOUT
=300mA
1.2V ≤ VOUT < 1.3V
1.400
1.800
V
1.3V ≤ VOUT < 1.5V
1.350
1.750
1.5V ≤ VOUT < 1.8V
1.200
1.550
1.8V ≤ VOUT < 2.3V
0.980
1.300
2.3V ≤ VOUT < 3.0V
0.770
1.080
3.0V ≤ VOUT < 4.0V
0.600
0.850
4.0V ≤ VOUT ≤ 6.0V
0.500
0.750
ISS
Supply Current
IOUT
=0mA
23
40
μA
Istandby
Standby Current
VIN
=10.0V, VCE=GND
0.1
1.0
μA
ΔVOUT/ΔVIN Line Regulation
Set VOUT
+0.5V ≤ VIN ≤ 10.0V
(In case that VOUT ≤ 2.1V,
2.6V ≤ VIN ≤ 10.0V)
0.02
0.2
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p, IOUT=30mA
(In case that VOUT < 2.0V, VIN
=3.0V)
70
dB
VIN
Input Voltage
2.6
10
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±80
ppm/
°C
ISC
Short Current Limit
VOUT
=0V
40
mA
IPD
CE Pull-down Current
0.30
μA
VCEH
CE Input Voltage "H"
1.7
V
VCEL
CE Input Voltage "L"
0.8
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
165
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
110
°C
en
Output Noise
BW
=10Hz to 100kHz
100
μVrms
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
=7.0V
VCE
=0V
250
Ω
All of unit are tested and specified under load conditions such that Tj≈Topt
=25°C except for Output Noise, Ripple
Rejection, Output Voltage Temperature Coefficient and Thermal Shutdown.


Similar Part No. - RP170H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP170H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com