Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP170H201B-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP170H201B-T1-FE
Description  Supply Current Typ. 23uA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP170H201B-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP170H201B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP170H201B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP170x SERIES
300mA 10V INPUT LDO REGULATOR
NO.EA-205-160425
1
RP170Q (SC-88A) is the discontinued product as of April, 2016.
OUTLINE
The RP170x Series are CMOS-based LDO regulators featuring 300mA output current. Because of the 10V
maximum input voltage, RP170x can be used in 2 cell lithium-ion battery powered portable appliances and
besides a portable equipment. The supply current is Typ. 23
μA though an excellent response characteristics.
The output voltage range from 1.2V is possible. The output voltage accuracy and temperature-drift coefficient
of output voltage of the RP170x Series are excellent.
RP170x has a fold-back protection circuit and a thermal shutdown circuit. Moreover, a standby mode with ultra
low supply current can be realized with the chip enable function.
SC-88A, SOT-23-5 and SOT-89-5 with high power dissipation packages are available.
FEATURES
• Supply Current .............................................................Typ. 23μA
• Standby Mode ..............................................................Typ. 0.1μA
• Dropout Voltage............................................................Typ. 0.20V (IOUT=100mA, VOUT=3.0V)
Typ. 0.77V (IOUT
=300mA, VOUT=2.8V)
• Ripple Rejection ...........................................................Typ. 70dB (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±80ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±1.0%
• Packages......................................................................SC-88A, SOT-23-5, SOT-89-5
• Input Voltage Range.....................................................2.6V to 10.0V
• Output Voltage Range..................................................1.2V to 6.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Built-in Thermal Shutdown Circuit................................Shutdown Temperature at 165°C
• Built-in Constant Slope Circuit (Soft-start Function)
• Ceramic capacitors are recommended to be used with this IC .... 1.0μF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Power source for home appliances.


Similar Part No. - RP170H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP170H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com