Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP173Q202A-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP173Q202A-TR-FE
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q202A-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP173Q202A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q202A-TR-FE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RP173x
11
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
Output Current IOUT (mA)
Vdd=2.5V
Vdd=3.2V
Vdd=4.2V
Vdd=5.5V
Vdd=7.7V
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
Output Current IOUT (mA)
Vdd=2.8V
Vdd=3.8V
Vdd=5.5V
Vdd=8.3V
0
RP173x30xx
RP173x55xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current IOUT (mA)
Vdd=4V
Vdd=5.5V
Vdd=9.5V
0
0
1
2
3
4
5
6
0
100
200
300
400
Output Current IOUT (mA)
Vdd=6.5V
Vdd=11V
0
2) Output Voltage vs. Input Voltage (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02
46
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
4
68
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0


Similar Part No. - RP173Q202A-TR-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173Q202A-TR-FE

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com