Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP201K301B-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP201K301B-TR
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP201K301B-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP201K301B-TR Datasheet HTML 4Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 5Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 6Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 7Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 8Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 9Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 10Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 11Page - RICOH electronics devices division RP201K301B-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
RP201x
8
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VCEL
CE Input Voltage "L"
0.4
V
IAEPD
AE Pull-down Constant
Current3
0.1
A
VAEH
AE Input Voltage "H"3
1.0
V
VAEL
AE Input Voltage "L"3
0.4
V
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
4.0V, VCE0V
50

All of units are tested and specified under load conditions such that Tj≈Topt
25C except for Ripple Rejection,
Output Voltage Temperature Coefficient.
1) The value of supply current is excluding the Pull-down constant current of CE Pin and AE Pin.
2) The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total
operating time is within 500hrs.
3) Applied to RP201K/N/Q
4) VIN  1.4V condition is dominant against this specification.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.
*RP201Q (SC-88A) and RP201N (SOT-23-5) are the discontinued products. As of June in 2016.


Similar Part No. - RP201K301B-TR

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP2010CB-1000JN-91 BARRY-RP2010CB-1000JN-91 Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91TR BARRY-RP2010CB-1000JN-91TR Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91WP BARRY-RP2010CB-1000JN-91WP Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93 BARRY-RP2010CB-1000JN-93 Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93TR BARRY-RP2010CB-1000JN-93TR Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
More results

Similar Description - RP201K301B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com