Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP173K201D-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP173K201D-TR
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173K201D-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP173K201D-TR Datasheet HTML 1Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 2Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 3Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 4Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 5Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 6Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 7Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 8Page - RICOH electronics devices division RP173K201D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RP173x SERIES
11V Input 150mA LDO
NO.EA-256-111020
1
OUTLINE
The RP173x Series are CMOS-based voltage regulator ICs featuring 150 mA output and low supply current of
Typ.2.0
μA. Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage
setting, a current limit circuit, a chip enable circuit and a Reverse Current Protection Circuit. RP173x Series are
suitable for the power source such as the equipment being in the standby-mode. A version with /CE input pin has
reduced CE pull-up resistance to make its supply current ultra low.
The RP173x Series have Max.11V Input voltage and are applicable to the portable communication equipment
that require the 2-cell Li-ion battery. Also they are applicable to the non-portable communication equipments. As
this series includes Reverse Current Protection Circuit, there is little leakage current, if it's used as back-up
circuit.
Since the packages for these ICs are the SOT-23-5 package, SC-88A, or DFN(PLP)1010-4 of 1mm square,
high density mounting of the ICs on boards is possible.
FEATURES
• Output Current ............................................................. Typ. 150mA
• Supply Current ............................................................. Typ. 2.0μA
• Standby Current ........................................................... Typ. 0.2μA
• Input Voltage Range .................................................... 2.5V to Set VOUT+6.5V (Max.11V)
• Output Voltage Range.................................................. 1.2V to 5.5V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Dropout Voltage ........................................................... Typ. 0.13V ( IOUT=30mA, VOUT=3.0V)
Typ. 0.90V ( IOUT
=150mA, VOUT=3.0V)
• Output Voltage Accuracy.............................................. ±1.0%(1.5V < VOUT ≤ 5.5V, Topt=25°C)
• Temperature-drift Coefficient of Output Voltage........... Typ. ±100ppm/°C
• Line Regulation ............................................................ Typ. 0.02%/V
• Packages ..................................................................... DFN(PLP)1010-4, SC-88A, SOT-23-5
• Built-in Reverse Current Protection Circuit
• Short Current Limit....................................................... Typ. 45mA
• Built-in Peak Current Limit Circuit
• Output capacitors......................................................... 0.1μF or more
APPLICATIONS
• Power source for portable communication equipments.
• Power source for battery-powerd equipments.
• Power source for electrical appliances such as cameras, VSRs and camcorders.
• Power source for digital home appliances.


Similar Part No. - RP173K201D-TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173K201D-TR

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com