Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP200Z201D-TR-F Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP200Z201D-TR-F
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP200Z201D-TR-F Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP200Z201D-TR-F Datasheet HTML 3Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 4Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 5Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 6Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 7Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 8Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 9Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 10Page - RICOH electronics devices division RP200Z201D-TR-F Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
RP200x
7
ELECTRICAL CHARACTERISTICS
VIN
=Set VOUT+1V, IOUT=1mA, CIN=COUT =1μF, unless otherwise noted.
The specification in
is checked and guaranteed by design engineering at
−40°C <
= Topt <
= 85°C.
RP200x
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT > 2.0V
×0.99
×1.01
V
IOUT
=5mA
Topt
=25°C
VOUT
≤ 2.0V
−20
20
mV
VOUT > 2.0V
×0.975
×1.015
V
VOUT
Output Voltage
(Fast Mode)
IOUT
=5mA
−40°C ≤ Topt ≤ 85°C
VOUT
≤ 2.0V
−50
30
mV
IOUT
Output Current
300
mA
VOUT > 2.0V
−1.0
1.0
%
1mA
≤ IOUT ≤ 10mA
VOUT
≤ 2.0V
−20
20
mV
ΔVOUT
/
ΔIOUT
Load Regulation
10mA
≤ IOUT ≤ 300mA
35
80
mV
0.8V
≤ VOUT < 0.9V
0.62
0.85
0.9V
≤ VOUT < 1.0V
0.55
0.78
1.0V
≤ VOUT < 1.5V
0.48
0.70
1.5V
≤ VOUT < 2.6V
0.34
0.50
VDIF
Dropout Voltage
IOUT
=300mA
2.6V
≤ VOUT ≤ 4.0V
0.23
0.35
V
VOUT
≤ 1.85V
1.0
4.0
ISS1
Supply Current
(Low Power Mode)
∗1
IOUT
=0mA
VOUT > 1.85V
1.5
4.0
μA
ISS2
Supply Current
(Fast Mode)
IOUT
=10mA
55
μA
Istandby
Standby Current
VCE
=GND
0.1
1.0
μA
IOUTH
Fast Mode switch-over
current
IOUT
=Light load to Heavy load
8.0
mA
IOUTL
Low Power Mode
switch-over current
IOUT
=Heavy load to Light load
1.0
2.0
mA
IOUT
=1mA
(Low Power Mode)
0.50
ΔVOUT
/
ΔVIN
Line Regulation
VOUT
+0.5V≤VIN≤5.0V,
VIN
≥ 1.4V
IOUT
=10mA
(Fast Mode)
0.02
0.20
%/V
RR
Ripple Rejection
(Fast Mode)
f
=1kHz, Ripple 0.2Vp-p
VIN
=VOUT+1V, IOUT=30mA
(In case that VOUT
≤ 1.2V, VIN=2.2V)
70
dB
VIN
Input Voltage
∗2
1.40
5.25
V
ΔVOUT
/
ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±50
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
50
mA
ICEPD
CE Pull-down Constant
Current
0.1
μA
VCEH
CE Input Voltage "H"
1.0
V
*RP200Q (SC-88A) is the discontinued product. As of March in 2015.


Similar Part No. - RP200Z201D-TR-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20 RECOM-RP20 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP200Z201D-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com