Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP200Z401B-TR-F Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP200Z401B-TR-F
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP200Z401B-TR-F Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP200Z401B-TR-F Datasheet HTML 7Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 8Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 9Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 10Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 11Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 12Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 13Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 14Page - RICOH electronics devices division RP200Z401B-TR-F Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RP200x
11
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (C1
=1.0μF, C2=1.0μF, Topt=25°C)
RP200x08xx
RP200x18xx
VIN=1.4V
VIN=1.8V
VIN=2.8V
VIN=3.8V
VIN=5.25V
0
600
400 500
300
200
100
700
Output Current IOUT (mA)
0
1.0
0.7
0.5
0.3
0.9
0.6
0.4
0.8
0.2
0.1
0
500
300
200
100
700
400
600
Output Current IOUT (mA)
0
2.0
1.6
1.2
0.8
1.8
1.4
1.0
0.6
0.4
0.2
VIN=2.8V
VIN=3.8V
VIN=5.25V
VIN=5.5V
RP200x28xx
RP200x40xx
0
500
300
200
100
700
400
600
Output Current IOUT (mA)
0
4.0
3.2
2.4
1.6
3.6
2.8
2.0
1.2
0.8
0.4
VIN=3.8V
VIN=5.25V
VIN=5.5V
0
500
300
200
100
700
400
600
Output Current IOUT (mA)
0
5.0
4.0
3.0
2.0
4.5
3.5
2.5
1.5
1.0
0.5
VIN=5.0V
VIN=5.25V
VIN=5.5V
2) Output Voltage vs. Input Voltage (C1
=1.0μF, C2=1.0μF, Topt=25°C)
RP200x08xx
RP200x18xx
04
3
2
15
Input Voltage VIN (V)
0
1.0
0.6
0.5
0.4
0.8
0.7
0.9
0.3
0.1
0.2
IOUT=1mA
IOUT=30mA
IOUT=50mA
04
3
2
15
Input Voltage VIN (V)
0
2.0
1.8
1.4
1.0
0.6
1.6
1.2
0.8
0.4
0.2
IOUT=1mA
IOUT=30mA
IOUT=50mA
*RP200Q (SC-88A) is the discontinued product. As of March in 2015.


Similar Part No. - RP200Z401B-TR-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20 RECOM-RP20 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP200Z401B-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com