Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP154N018B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP154N018B-TR-FE
Description  300mA SMALL DUAL LDO REGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP154N018B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP154N018B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP154N018B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
RP154x
NO. EA-202-141010
5
PIN CONFIGURATIONS
 DFN1216-8
 SOT-23-6
Top View
8
7
6
1
2
3
4
5
Bottom View
56
7
32
1
4
8
1
6
5
4
12
3
(mark side)
PIN DESCRIPTIONS
DFN1216-8
Pin No.
Symbol
Description
1
GND
Ground Pin2
2
VOUT1
Output Pin 1
3
VOUT2
Output Pin 2
4
GND
Ground Pin2
5
CE2
Chip Enable Pin 2 ("H" Active)
6
VDD2
Input Pin
7
VDD1
Input Pin
8
CE1
Chip Enable Pin 1 ("H" Active)
1) Tab is GND level. (They are connected to the reverse side of this IC).
The tab is better to be connected to the GND, but leaving it open is also acceptable.
2) The GND pin must be wired together when it is mounted on board.
SOT-23-6
Pin No.
Symbol
Description
1
CE1
Chip Enable Pin 1 ("H" Active)
2
VDD
Input Pin
3
CE2
Chip Enable Pin 2 ("H" Active)
4
VOUT2
Output Pin 2
5
GND
Ground Pin
6
VOUT1
Output Pin 1


Similar Part No. - RP154N018B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP154N018B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com