Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L025D-E2 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP153L025D-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L025D-E2 Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP153L025D-E2 Datasheet HTML 1Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 2Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 3Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 4Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L025D-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RP153L
NO.EA-201-150901
2
SELECTION GUIDE
The set output voltage, the auto discharge function1 and the improved transient response are user-selectable
options.
Selection Guide
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP153Lxxx
-E2
DFN1216-8
5,000 pcs
Yes
Yes
xxx: Specify the combination of set output voltage (VSET) within the range of 0.8 V to 3.6 V in 0.1 V step.
Refer to MARKING SPECIFICATON in SUPPLEMENTARY ITEMS for detailed information.
Specify the auto-discharge option and the improved transient response option.
(A) Auto-discharge function not included
(B) Auto-discharge function included
(D) Transient response improved, Auto-discharge function not included
(E) Transient response improved, Auto-discharge function included
1 Auto-discharge function quickly lowers the output voltage to 0 V by releasing the electrical charge accumulated in the
external capacitor when the chip enable signal is switched from the active mode to the standby mode.


Similar Part No. - RP153L025D-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L025D-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com