Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP132K531E-TR Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP132K531E-TR
Description  Output Current Min. 1A
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP132K531E-TR Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP132K531E-TR Datasheet HTML 1Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 2Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 3Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 4Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 5Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 6Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 7Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 8Page - RICOH electronics devices division RP132K531E-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
RP132x
NO.EA-265-160426
3
Fixed Output Voltage Type with DELAY pin(DFN(PLP)1820-6)
RP132Kxx1E
RP132Kxx1F
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
DELAY
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
DELAY
Adjustable Output Voltage Type(HSOP-6J / SOT-89-5 / TO-252-5-P2 /DFN(PLP)1820-6)
RP132S001B / RP132H001B
/
RP132S001D / RP132H001D
/
RP132J001B / RP132K001B
RP132J001D / RP132K001D
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
Adjustable Output Voltage Type with DELAY pin(DFN(PLP)1820-6)
RP132K001E
RP132K001F
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
DELAY
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
DELAY


Similar Part No. - RP132K531E-TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-112 HIROSE-RP13-PC-112 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-122 HIROSE-RP13-PC-122 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-212 HIROSE-RP13-PC-212 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
RP13-PC-221 HIROSE-RP13-PC-221 Datasheet
855Kb / 12P
   Plastic Push-Pull Lock Connectors
More results

Similar Description - RP132K531E-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com