Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP155Z030B-E2-F Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP155Z030B-E2-F
Description  Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP155Z030B-E2-F Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP155Z030B-E2-F Datasheet HTML 1Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 2Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 3Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 4Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 5Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 6Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 7Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 8Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RP155Z
NO.EA-334-160126
5
ELECTRICAL CHARACTERISTICS
VIN = VSET +1.0 V, IOUT = 1 mA, CIN = COUT = 1.0
μF, VSEL = low/ high, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at
−40°C ≤ Ta ≤ 85°C.
RP155Z Electrical Characteristics
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta = 25
°C
x0.990
x1.010
V
−40°C ≤ Ta ≤ 85°C
x0.985
x1.015
V
IOUT
Output Current
200
mA
∆VOUT
/
∆IOUT
Load Regulation
1 mA
≤ IOUT ≤ 200 mA
1
10
mV
VDIF
Dropout Voltage
IOUT = 200 mA
Refer to Product-specific Electrical
Characteristics
ISS
Supply Current
IOUT = 0 mA
80
125
µA
Istandby Standby Current
VCE = 0 V
0.1
1.0
µA
∆VOUT
/
∆VIN
Line Regulation
VSET + 0.5 V
≤ VIN ≤ 5.25 V
0.02
0.10
%/V
RR
Ripple Rejection
f = 1 kHz, Ripple 0.2 Vp-p,
VIN = VSET
+1.0 V, IOUT = 30 mA
(VOUT
≤ 2.0 V, VIN = 3.0 V)
75
dB
∆VOUT
/
∆Ta
Output Voltage
Temperature Coefficient
−40°C ≤ Ta ≤ 85°C
±30
ppm
/°C
ISC
Short Current Limit
VOUT = 0 V
50
mA
IPD
CE Pull-down Current
0.3
0.6
µA
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
VVSELH
VSEL Input Voltage "H"
1.0
V
VVSELL
VSEL Input Voltage "L"
0.4
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
165
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
100
°C
en
Output Noise
BW = 10 Hz to 100 kHz
21 x
VSET
µVrms
RLOW
Low Output Nch Tr.
ON Resistance
VIN = 4.0 V, VCE = 0 V
60
All test items listed under ELECTRICAL CHARACTERISTICS are done under the pulse load condition (Tj
≈ Ta = 25°C)
except Output Voltage Temperature Coefficient, Output Noise and Ripple Rejection.


Similar Part No. - RP155Z030B-E2-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP155Z030B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
[Old version datasheet]   40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
logo
Vishay Siliconix
VS-SD200N VISHAY-VS-SD200N Datasheet
149Kb / 7P
   High voltage ratings up to 2400 V
Revision: 25-Nov-13
logo
Nell Semiconductor Co.,...
D2060C NELLSEMI-D2060C Datasheet
227Kb / 5P
   High voltage ratings up to 2500 V
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com