Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP155Z030B-E2-F Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP155Z030B-E2-F
Description  Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP155Z030B-E2-F Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP155Z030B-E2-F Datasheet HTML 1Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 2Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 3Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 4Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 5Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 6Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 7Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 8Page - RICOH electronics devices division RP155Z030B-E2-F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RP155Z
NO.EA-334-160126
2
SELECTION GUIDE
The set output voltage, the package type and the auto discharge function(1) are user-selectable options.
Selection Guide
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP155Zxxx
∗-E2-F
WLCSP-5-P1
5,000 pcs
Yes
Yes
xxx: Specify a combination of two set output voltages (VSET1/ VSET2).
VSET1/ VSET2 can be selected within the range of 1.6 V to 3.6 V.
∗: Specify the auto-discharge option.
B: Auto discharge function included
BLOCK DIAGRAM
Current Limit
Vref
-
+
Error
Amp.
R1_1
CE
VSEL
VDD
VOUT
GND
R1_2
SELECTOR
R2_1
R2_2
RP155Z Block Diagram
(1) Auto-discharge function quickly lowers the output voltage to 0 V, when the chip enable signal is switched from the
active mode to the standby mode, by releasing the electrical charge accumulated in the external capacitor.


Similar Part No. - RP155Z030B-E2-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP155Z030B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
[Old version datasheet]   40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
logo
Vishay Siliconix
VS-SD200N VISHAY-VS-SD200N Datasheet
149Kb / 7P
   High voltage ratings up to 2400 V
Revision: 25-Nov-13
logo
Nell Semiconductor Co.,...
D2060C NELLSEMI-D2060C Datasheet
227Kb / 5P
   High voltage ratings up to 2500 V
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com