Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L030B-E2 Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP153L030B-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L030B-E2 Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP153L030B-E2 Datasheet HTML 3Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 4Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 9Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 10Page - RICOH electronics devices division RP153L030B-E2 Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RP153L
NO.EA-201-150901
7
Product-specific Electrical Characteristics
Product Name
VOUT1 (Ta = 25°C)
VOUT1 (−40°C ≤ Ta ≤ 85°C)
∆VOUT1/ ∆IOUT
VDIF1
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
Typ.
Max.
RP153L001x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L002x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L003x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L004x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L005x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L006x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L007x
2.822
2.850
2.879
2.765
2.850
2.936
15
60
0.200
0.350
RP153L008x
2.822
2.850
2.879
2.765
2.850
2.936
15
60
0.200
0.350
RP153L009x
2.970
3.000
3.030
2.910
3.000
3.090
15
60
0.190
0.320
RP153L010x
2.970
3.000
3.030
2.910
3.000
3.090
15
60
0.190
0.320
RP153L011x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L012x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L013x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L014x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L015x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L016x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L017x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L018x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L019x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L020x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L021x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L022x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L023x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L024x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L025x
2.970
3.000
3.030
2.910
3.000
3.090
15
60
0.190
0.320
RP153L026x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L027x
2.277
2.300
2.323
2.231
2.300
2.369
15
60
0.230
0.390
RP153L028x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L029x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L030x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L031x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L032x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L033x
3.069
3.100
3.131
3.007
3.100
3.193
15
60
0.190
0.320
RP153L034x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L035x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L036x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L037x
3.267
3.300
3.333
3.201
3.300
3.399
15
60
0.190
0.320
RP153L038x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L039x
2.079
2.100
2.121
2.037
2.100
2.163
15
60
0.230
0.390
RP153L040x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L041x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L042x
1.180
1.200
1.220
1.140
1.200
1.260
15
50
0.390
0.620
RP153L043x
1.280
1.300
1.320
1.240
1.300
1.360
15
50
0.390
0.620
RP153L044x
1.080
1.100
1.120
1.040
1.100
1.160
15
50
0.440
0.720
RP153L045x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L046x
2.772
2.800
2.828
2.716
2.800
2.884
15
60
0.200
0.350
RP153L047x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L048x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L049x
1.480
1.500
1.520
1.440
1.500
1.560
15
50
0.310
0.550
RP153L050x
2.376
2.400
2.424
2.328
2.400
2.472
15
60
0.230
0.390
RP153L051x
0.980
1.000
1.020
0.940
1.000
1.060
10
40
0.440
0.720
RP153L052x
1.780
1.800
1.820
1.740
1.800
1.860
15
55
0.270
0.460
RP153L053x
2.574
2.600
2.626
2.522
2.600
2.678
15
60
0.200
0.350
RP153L054x
2.475
2.500
2.525
2.425
2.500
2.575
15
60
0.200
0.350
RP153L055x
2.970
3.000
3.030
2.910
3.000
3.090
15
60
0.190
0.320
RP153L056x
2.574
2.600
2.626
2.522
2.600
2.678
15
60
0.200
0.350


Similar Part No. - RP153L030B-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L030B-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com