Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP115H151D-T1-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP115H151D-T1-FE
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115H151D-T1-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP115H151D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP115H151D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
RP115x
NO. EA-274-150708
3
SELECTION GUIDE
The output voltage, the auto-discharge function*2, and the package type for the ICs are user-selectable.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP115Lxx1
∗(y)-E2
DFN1216-8
5,000 pcs
Yes
Yes
RP115Hxx1
∗(y)-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
xx: Specify the output voltage (VSET) within the range of 0.7V (07) to 4.3V (43) in 0.1V steps.
(y): If the output voltage includes the 3rd digit, indicate the digit of 0.01.
(0.75V, 1,15V, 1.25V, 1.35V, 1.75V, 1.85V, 2.15V, 2.85V, 2.95V)
Ex. If the output voltage is 0.75V, RP115x071
∗5
1.15V, RP115x111
∗5
1.25V, RP115x121
∗5
1.35V, RP115x131
∗5
1.75V, RP115x171
∗5
1.85V, RP115x181
∗5
2.15V, RP115x211
∗5
2.85V, RP115x281
∗5
2.95V, RP115x291
∗5
∗: Specify the version with auto-discharge function or without auto-discharge function.
(B) without auto-discharge function
(D) with auto-discharge function
*2 Auto-discharge function quickly lowers the output voltage to 0V by releasing the electrical charge in the external
capacitor when the chip enable signal is switched from the active mode to the standby mode.


Similar Part No. - RP115H151D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115H151D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com