Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP152L008B-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP152L008B-TR
Description  Supply Current Typ. 40 uA x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP152L008B-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP152L008B-TR Datasheet HTML 1Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 2Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 3Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 4Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 5Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 6Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 7Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 8Page - RICOH electronics devices division RP152L008B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
RP152x
NO.EA-200-160707
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 6.0
V
VCE
CE Pin Input Voltage
−0.3 to 6.0
V
VOUT1
VOUT2
Output Voltage
−0.3 to VIN+0.3
V
IOUT1
IOUT2
Output Current
180
mA
PD
Power Dissipation (Standard Land Pattern)1
DFN1212-6
600
mW
SOT-23-6
420
Tj
Junction Temperature
−40 to 125
°C
Tstg
Storage Temperature Range
−55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the life time and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Symbol
Item
Rating
Unit
VIN
Input Voltage2
1.40 to 5.25
V
Ta
Operating Temperature Range
−40 to 85
°C
RECOMMENDED OPERATING CONDITIONS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended operating
conditions.
1 Refer to POWER DISSIPATION in SUPPLEMENTARY ITEMS for detailed information.
2 In case of operating the device beyond 5.25 V, do not exceed 5.5 V with 500 total operating hours.


Similar Part No. - RP152L008B-TR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP152L008B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com