Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP131L401D-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP131L401D-TR
Description  Output Current Min. 1A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131L401D-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP131L401D-TR Datasheet HTML 1Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 2Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 3Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 4Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 5Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 6Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 7Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 8Page - RICOH electronics devices division RP131L401D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
RP131x
NO.EA-174-160426
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
7.0
V
VCE
Input Voltage (CE Pin)
−0.3 to 7.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
PD
Power Dissipation (DFN1616-6B)
640
mW
Power Dissipation (DFN(PLP)1820-6)
880
Power Dissipation (SOT-89-5)
900
Power Dissipation (HSOP-6J)
1700
Power Dissipation (TO-252-5-P2)
1900
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.


Similar Part No. - RP131L401D-TR

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RP1315 SUMIDA-RP1315 Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
   PIN Power Inductor
More results

Similar Description - RP131L401D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com