Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114N151B-TR-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP114N151B-TR-FE
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114N151B-TR-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP114N151B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP114N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RP114x
NO. EA-236-160824
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation (DFN(PLP)1010-4)
400
mW
Power Dissipation (SC-88A)
380
Power Dissipation (SOT-23-5)
420
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages
and may degrade the life time and safety for both device and system using the device in the field. The functional
operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended operating
conditions.


Similar Part No. - RP114N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114N081-TR-FE NISSHINBO-RP114N081-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114N361-TR-FE NISSHINBO-RP114N361-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com