Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114N101B-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP114N101B-TR-FE
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114N101B-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP114N101B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP114N101B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
RP114x
NO. EA-236-160824
9
Package Dimensions (DFN(PLP)1010-4)
1.00
A
B
0.05
X4
INDEX
S
0.05
S
*
3
4
1
2
0.48
±0.05
0.65
3-C0.18
0.25
±0.05
0.05 M S AB
0.48
±0.05
45°
(Unit : mm)
Bottom View
* The tab is substrate level (GND).
The tab is better to be connected to the GND,
but leaving it open is also acceptable.
Mark Specification (DFN(PLP)1010-4)
: Product Code ·········Please refer to RP114K Mark Specification Table.
: Lot Number············Alphanumeric Serial Number
①②
③④


Similar Part No. - RP114N101B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114N081-TR-FE NISSHINBO-RP114N081-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114N361-TR-FE NISSHINBO-RP114N361-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114N101B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com