Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP116Z151D-TR-F Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP116Z151D-TR-F
Description  Supply Current Typ. 48uA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP116Z151D-TR-F Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP116Z151D-TR-F Datasheet HTML 1Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 2Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 3Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 4Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 5Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 6Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 7Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 8Page - RICOH electronics devices division RP116Z151D-TR-F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RP116Z
NO.EA-281-131031
4
ELECTRICAL CHARACTERISTICS
RP116Z
VIN
=Set VOUT+1V, IOUT=1mA, CIN=COUT =1μF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at
−40°C ≤ Ta≤ 85°C.
(Ta=25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
V
OUT
>
= 1.0V
x 0.992
x 1.008
V
Ta=25
°C
V
OUT
<1.0V
-8
+8
mV
V
OUT
>
= 1.0V
x 0.983
x 1.017
V
V
OUT
Output Voltage
-40
°C <= Ta <= 85°C
V
OUT
<1.0V
-17
+17
mV
I
OUT
Output Current
400
mA
ΔV
OUT
/
ΔI
OUT
Load Regulation
1mA <
= IOUT <
= 400mA
25
45
mV
V
DIF
Dropout Voltage
Please see the table on next page
I
SS
Supply Current
I
OUT
=0mA
48
75
μA
Istandby
Supply Current (Standby)
V
CE
=0V
0.1
8.0
μA
ΔV
OUT
/
ΔV
IN
Line Regulation
Set V
OUT
+0.5V <
= VIN <
= 3.6V
In case Set V
OUT
<0.8V,
1.3V <
= VIN <
= 3.6V
0.10
0.25
%/V
RR
Ripple Rejection
f=10kHz
Ripple 0.2Vp-p
V
IN
=Set V
OUT
+1.0V
I
OUT
=30mA
60
dB
V
IN
Input Voltage
1.0
3.6
V
ΔV
OUT
/
ΔTa
Output Voltage Temperature
Coefficient
-40
°C <= Ta <= 85°C
±60
ppm
/
°C
I
SC
Short Current Limit
V
OUT
=0V
110
mA
I
PD
CE Pull-down Current
0.38
0.7
μA
V
CEH
CE Input Voltage "H"
0.9
V
V
CEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW=10Hz to 100kHz
I
OUT
=30mA
VOUT=0.7V
30
μVrms
R
LOW
Low Output Nch Tr.
ON Resistance
(D version Only)
V
IN
=2.0V
V
CE
=0V
43
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25
°C) except Output
Noise, Ripple Rejection and Output Voltage Temperature Coefficient items.


Similar Part No. - RP116Z151D-TR-F

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP116Z151D-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com