Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114Q102B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP114Q102B-TR-FE
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114Q102B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP114Q102B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP114Q102B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RP114x
NO. EA-236-160824
6
The specifications in
are guaranteed by design engineering at -40ºC
≤ Ta ≤ 85ºC.
Dropout Voltage by Set Output Voltage
(Ta
=25°C)
Set Output Voltage
VSET (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
VSET
=0.8
IOUT
=300mA
0.560
0.720
VSET
=0.9
0.510
0.650
1.0
≤ VSET < 1.2
0.460
0.590
1.2
≤ VSET < 1.4
0.390
0.500
1.4
≤ VSET < 1.7
0.350
0.440
1.7
≤ VSET < 2.1
0.300
0.390
2.1
≤ VSET < 2.5
0.260
0.340
2.5
≤ VSET < 3.0
0.250
0.300
3.0
≤ VSET ≤ 3.6
0.220
0.290


Similar Part No. - RP114Q102B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114Q082-TR-FE NISSHINBO-RP114Q082-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114Q362-TR-FE NISSHINBO-RP114Q362-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114Q102B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com