Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP131L121B-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP131L121B-TR
Description  Output Current Min. 1A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131L121B-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP131L121B-TR Datasheet HTML 7Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 8Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 9Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 10Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 11Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 12Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 13Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 14Page - RICOH electronics devices division RP131L121B-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RP131x
NO.EA-174-160426
11
RP131x331x
RP131x501x
3) Supply Current vs. Input Voltage (Topt
=25°C)
RP131x081x
RP131x151x
RP131x331x
RP131x501x
04
5
3
2
16
Input Voltage VIN (V)
0
3.5
2.0
1.5
2.5
3.0
1.0
0.5
IOUT=1mA
IOUT=50mA
IOUT=100mA
IOUT=300mA
04
5
3
2
16
Input Voltage VIN (V)
0
6
4
3
5
2
1
IOUT=1mA
IOUT=50mA
IOUT=100mA
IOUT=300mA
04
5
3
2
16
Input Voltage VIN (V)
0
70
50
30
60
40
20
10
04
5
3
2
16
Input Voltage VIN (V)
0
70
50
30
60
40
20
10
04
5
3
2
16
Input Voltage VIN (V)
0
70
50
30
60
40
20
10
04
5
3
2
16
Input Voltage VIN (V)
0
70
50
30
60
40
20
10


Similar Part No. - RP131L121B-TR

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RP1315 SUMIDA-RP1315 Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
   PIN Power Inductor
More results

Similar Description - RP131L121B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com