Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP115L201B-E2 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP115L201B-E2
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115L201B-E2 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP115L201B-E2 Datasheet HTML 5Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 6Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 7Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 8Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 9Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 10Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 11Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 12Page - RICOH electronics devices division RP115L201B-E2 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
RP115x
NO. EA-274-150708
9
TYPICAL APPLICATION
VOUT
CIN
RP115x Series
VDD
VOUT
*18
GND
COUT
CE
VFB
*18
LCON*17
CE Control
LCON Control
VIN
External Parts Example
CIN: Ceramic Capacitor, 1.0µF, muRata GRM155R61A105KE15
COUT: Ceramic Capacitor, 1.0µF, muRata GRM155R61A105KE15
Ceramic Capacitor, 2.2µF, muRata GRM155R61A225KE95
Notes:
*17 The LCON pin is only included in RP115L (DFN1216-8).
*18 The VOUT pin and the VFB pin should be wired together when mounting on the board.
TECHNICAL NOTES
Phase Compensation
In LDO (Low Drop Out) regulators, phase compensation is provided to secure stable operation even when
the load current is varied. For this purpose, use a capacitor COUT with
1.0μF or more and proper ESR
(Equivalent Series Resistance).
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit taking actual characteristics into account. Especially for the
1.75-V-output product, it is recommended to use 2.2µF or higher output capacitor when the product is used
under the low-
temperature environment such as −20°C or lower.
If you use a tantalum type capacitor and the ESR value of the capacitor is large, the output might be
unstable. Evaluate your circuit including consideration of frequency characteristics.
PCB Layout
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or unstable
operation may result. Connect a capacitor CIN
with 1.0μF or more between VDD and GND pins, and as close as
possible to the pins.
Likewise, connect COUT capacitor with suitable values between the VOUT and GND pins, and as close as
possible to the pins.


Similar Part No. - RP115L201B-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115L201B-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com