Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC573LC3B Datasheet(PDF) 5 Page - Analog Devices

Part # HMC573LC3B
Description  RoHS Compliant 3x3 mm SMT Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC573LC3B Datasheet(HTML) 5 Page - Analog Devices

  HMC573LC3B Datasheet HTML 1Page - Analog Devices HMC573LC3B Datasheet HTML 2Page - Analog Devices HMC573LC3B Datasheet HTML 3Page - Analog Devices HMC573LC3B Datasheet HTML 4Page - Analog Devices HMC573LC3B Datasheet HTML 5Page - Analog Devices HMC573LC3B Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC573LC3B
v03.0514
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 22 GHz OUTPUT
Pin Number
Function
Description
Interface Schematic
1, 3, 7, 9
GND
Package bottom must also be connected
to RF/DC ground.
2
RFIN
Pin is AC coupled and
matched to 50 Ohms.
4 - 6, 11
N/C
These pins are internally not connected; however,
this product was specified with these pins connected
to RF/ DC ground.
8
RFOUT
Pin is AC coupled and
matched to 50 Ohms.
10
Vdd
Supply voltage 5V ± 0.5V. External bypass capacitors
of 100 pF, 1,000 pF and 2.2 µF are required.
12
Vgg
Gate control for amplifier. Adjust to achieve Idd
of 92 mA. Please follow “MMIC Amplifier Biasing
Procedure” Application note.
Pin Description
Application Circuit
Component
Value
C1, C2
100 pF
C3, C4
1,000 pF
C5, C6
2.2 µF
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC573LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC573LC3B HITTITE-HMC573LC3B Datasheet
215Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
More results

Similar Description - HMC573LC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
logo
Dialight Corporation
C-17405 DIALIGHT-C-17405 Datasheet
215Kb / 1P
   SMT LED RoHS COMPLIANT
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
   20-Pin 3x3 mm QFN package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
   RoHS compliant SIP7 package
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Advanced XTAL Products
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
   Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
   Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
AXX2016 AXTAL-AXX2016 Datasheet
56Kb / 2P
   Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com