Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC557ALC4TR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC557ALC4TR
Description  24-terminal ceramic leadless chip carrier package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4TR Datasheet(HTML) 3 Page - Analog Devices

  HMC557ALC4TR Datasheet HTML 1Page - Analog Devices HMC557ALC4TR Datasheet HTML 2Page - Analog Devices HMC557ALC4TR Datasheet HTML 3Page - Analog Devices HMC557ALC4TR Datasheet HTML 4Page - Analog Devices HMC557ALC4TR Datasheet HTML 5Page - Analog Devices HMC557ALC4TR Datasheet HTML 6Page - Analog Devices HMC557ALC4TR Datasheet HTML 7Page - Analog Devices HMC557ALC4TR Datasheet HTML 8Page - Analog Devices HMC557ALC4TR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
HMC557A
Rev. C | Page 3 of 23
ELECTRICAL SPECIFICATIONS
2.5 GHz TO 5.0 GHz FREQUENCY RANGE
TA = 25°C, IF = 100 MHz, LO drive = 15 dBm. All measurements performed as a downconverter with the upper sideband selected, unless
otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
OPERATING CONDITIONS
RF Frequency Range
2.5
5.0
GHz
LO Frequency Range
2.5
5.0
GHz
IF Frequency Range
DC
3
GHz
PERFORMANCE
Conversion Loss
8
10.5
dB
Noise Figure, Single Sideband (SSB)
8
dB
LO to RF Isolation
40
50
dB
LO to IF Isolation
26
35
dB
RF to IF Isolation
20
dB
Input Third-Order Intercept (IP3)
14
18
dBm
Input Second-Order Intercept (IP2)
55
dBm
Input Power for 1 dB Compression (P1dB)
10
dBm
RF Port Return Loss
10
dB
LO Port Return Loss
8
dB
5.0 GHz TO 7.0 GHz FREQUENCY RANGE
TA = 25°C, IF = 100 MHz, LO drive = 15 dBm. All measurements performed as a downconverter with the upper sideband selected, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
OPERATING CONDITIONS
RF Frequency Range
5.0
7.0
GHz
LO Frequency Range
5.0
7.0
GHz
IF Frequency Range
DC
3
GHz
PERFORMANCE
Conversion Loss
8.5
10.5
dB
Noise Figure, Single Sideband (SSB)
8.5
dB
LO to RF Isolation
37
43
dB
LO to IF Isolation
25
33
dB
RF to IF Isolation
25
dB
Input Third-Order Intercept (IP3)
14
18
dBm
Input Second-Order Intercept (IP2)
55
dBm
Input Power for 1 dB Compression (P1dB)
10
dBm
RF Port Return Loss
12
dB
LO Port Return Loss
12
dB


Similar Part No. - HMC557ALC4TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC557 HITTITE-HMC557 Datasheet
230Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557 HITTITE-HMC557 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
   Microwave Radio
logo
Hittite Microwave Corpo...
HMC557LC4 HITTITE-HMC557LC4 Datasheet
203Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557LC4 HITTITE-HMC557LC4 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results

Similar Description - HMC557ALC4TR

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
   LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
Vishay Siliconix
PL340 VISHAY-PL340 Datasheet
140Kb / 2P
   Plastic Leadless Chip Carrier
Revision 14-Nov-02
logo
Mitsubishi Electric Sem...
MGF1952A MITSUBISHI-MGF1952A Datasheet
150Kb / 5P
   Microwave Power MES FET (Leadless Ceramic Package)
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
   Leadless Chip Packages
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com