Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMW12-24-X Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMW12-24-X
Description  6.6 to 15 Watts Medical Grade Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMW12-24-X Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMW12-24-X Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMW12-24-X Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMW10/12/15 Series
6.6 to 15 Watts Medical Grade Power Adapters
TMW10/12/15_2016-11-21
MECHANICAL SPECIFICATIONS
Notes:
1. Unit: mm
2. Weight: 112g (0.38 lbs) approx.
3. Color: Black (standard) or White (optional)
4. Standard output connector: Built-in USB Type A receptacle for 5V output, or 2.1x5.5x9.5mm barrel plug on the cable for other outputs.
5. Contact TRUMPower for output connector options.
Interchangeable Plug
Fixed US Plug
G
U
L
P
C
A
E
L
B
A
E
G
N
A
H
C
R
E
T
N
I
U
P
I
TE
P
I
TB
P
I
TA
P
I
T
Fixed US Plug with DC Output Cable


Similar Part No. - TMW12-24-X

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMW24 TRACOPOWER-TMW24 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-105 TRACOPOWER-TMW24-105 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-105P TRACOPOWER-TMW24-105P Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW24-112 TRACOPOWER-TMW24-112 Datasheet
996Kb / 5P
   AC/DC Medical Power Supply TMW 24 Series, 24 Watt
Rev. November 30, 2022
TMW24-112P TRACOPOWER-TMW24-112P Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
More results

Similar Description - TMW12-24-X

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
   30 Watts Medical Grade AC/DC Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
TMA65 TRUMPOWER-TMA65 Datasheet
96Kb / 2P
   40-65W Medical Grade Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com